Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MX55-AB5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # R1MX55-AB5-R
Description  VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55-AB5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  R1MX55-AB5-R Datasheet HTML 1Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 2Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 3Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 4Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 5Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 6Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 7Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-023.B
TYPICAL CHARACTERISTICS
690
670
660
Junction Temperature, TJ(°C)
680
700
710
720
730
Quiescent Current vs.
Junction Temperature (Typical Values)
650
640
85
105
125
25
45
65
-15
5
-25
VIN=4.3V, VC=1.8V, IOUT=0A,
CI=CO=1u (ceramic capacitor)
Output Current, IOUT(mA)
ESR VS. Output Current
0.1
0.5
1
10
100
110
50
20
200
CO=1µF
VIN=5V, VC=1.8V, CI=1µF,
VOUT=2.44V, Ta=25℃
500
Stable
Zone
Vibrating



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com