Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MX55-AB5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # R1MX55-AB5-R
Description  VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55-AB5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  R1MX55-AB5-R Datasheet HTML 1Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 2Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 3Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 4Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 5Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 6Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 7Page - Unisonic Technologies R1MX55-AB5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
R1MX55
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R101-023.B
VOLTAGE REGULATOR
DESCRIPTION
As the UTC linear intergrated LDO, the R1MX55 shows a
high current, high accuracy, low-dropout voltage. The feature
are: low dropout voltage, very low ground current. Cause the
series have been designed for high current loads, so they are
also used in lower current, extremely low dropout-critical systems
(in which their tiny dropout voltage and ground current values are
important attributes).
FEATURES
* Built-in ON/OFF function,
* Over current protection function,
* Over heat protection function
* Adjustable DC output voltage
* 30mA / 2.44V
Output low dropout voltage regulator
Lead-free:
R1MX55L
Halogen-free: R1MX55G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
R1MX55-AB5-R
R1MX55L-AB5-R
R1MX55G-AB5-R
SOT-89-5
Tape Reel
R1MX55L-AB5-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AB5: SOT-89-5
(3) G: Halogen Free, L: Lead Free,
Blank: Pb/Sn


Similar Part No. - R1MX55-AB5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R1MX55 UTC-R1MX55 Datasheet
281Kb / 9P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
logo
Unisonic Technologies
R1MX55 UTC-R1MX55 Datasheet
295Kb / 9P
VOLTAGE REGULATOR
R1MX55G-15-AB5-R UTC-R1MX55G-15-AB5-R Datasheet
295Kb / 9P
VOLTAGE REGULATOR
R1MX55G-15-SH2-R UTC-R1MX55G-15-SH2-R Datasheet
295Kb / 9P
VOLTAGE REGULATOR
More results

Similar Description - R1MX55-AB5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com