Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2576L-XX-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P2576L-XX-S08-R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2576L-XX-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P2576L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 7Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P2576
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R101-025.F
3A STEP-DOWN VOLTAGE
SWITCHING REGULATOR
DESCRIPTION
As a step-down (buck) switching regulator, the UTC P2576
provides drives 3A load. The UTC P2576 are simple because it
only needs to use a minimum number of external components.
Frequency compensation and a fixes-frequency oscillator are
in it. UTC P2576 can perform with standard inductors, and
simplifying the switch mode power supplies’ design. UTC P2576
guarantees output load conditions and ±10% on the oscillator
frequency. Its external shutdown is included with 50μA standby
current. As well as thermal shutdown for full protection under fault
conditions, the output switch has cycle by cycle current limiting.
FEATURES
* Output Current 3A
* Input Voltage Range from 7V to 40V
* Requires 4 External Components
* Very High Efficiency
* TTL Shutdown
* Low Power Standby Mode
* Thermal Shutdown,
* Current Limit Protection
* Internal Oscillator: 52 kHz Fixed Frequency
TO-220B
1
1
TO-263-5
SOP-8
HSOP-8
TO-252-5
1
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P2576L-xx-TB5-T
P2576G-xx-TB5-T
TO-220B
Tube
P2576L-xx-TN5-R
P2576G-xx-TN5-R
TO-252-5
Tape Reel
P2576L-xx-TQ5-R
P2576G-xx-TQ5-R
TO-263-5
Tape Reel
P2576L-xx-TQ5-T
P2576G-xx-TQ5-T
TO-263-5
Tube
P2576L-xx-S08-R
P2576G-xx-S08-R
SOP-8
Tape Reel
P2576L-xx-SH2-R
P2576G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - P2576L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P2576L-XX-S08-R UTC-P2576L-XX-S08-R Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - P2576L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
3A Step Down Switching Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
3A STEP DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
3A Step-Down Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com