Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1163 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1163
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1163 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1163 Datasheet HTML 4Page - Semtech Corporation SC1163 Datasheet HTML 5Page - Semtech Corporation SC1163 Datasheet HTML 6Page - Semtech Corporation SC1163 Datasheet HTML 7Page - Semtech Corporation SC1163 Datasheet HTML 8Page - Semtech Corporation SC1163 Datasheet HTML 9Page - Semtech Corporation SC1163 Datasheet HTML 10Page - Semtech Corporation SC1163 Datasheet HTML 11Page - Semtech Corporation SC1163 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1162/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
9
Vout
5V
+
+
4) The Output Capacitor(s) (Cout) should be located
as close to the load as possible, fast transient load
currents are supplied by Cout only, and connections
between Cout and the load must be short, wide cop-
per areas to minimize inductance and resistance.
5) The SC1162/3 is best placed over a quite ground
plane area, avoid pulse currents in the Cin, Q1, Q2
loop flowing in this area. PGNDH and PGNDL should
be returned to the ground plane close to the package.
The AGND pin should be connected to the ground
side of (one of) the output capacitor(s). If this is not
possible, the AGND pin may be connected to the
ground path between the Output Capacitor(s) and the
Cin, Q1, Q2 loop. Under no circumstances should
AGND be returned to a ground inside the Cin, Q1, Q2
loop.
6) Vcc for the SC1162/3 should be supplied from the
5V supply through a 10
Ω resistor, the Vcc pin should
be decoupled directly to AGND by a 0.1
µF ceramic
capacitor, trace lengths should be as short as possi-
ble.
7) The Current Sense resistor and the divider across
it should form as small a loop as possible, the traces
running back to CS+ and CS- on the SC1162/3 should
run parallel and close to each other. The 0.1
µF ca-
pacitor should be mounted as close to the CS+ and
CS- pins as possible.
8) Ideally, the ground for the LDO section should be
returned to the ground side of (one of) the switching
section output capacitor(s).
Currents in various parts of the power section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com