Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1163 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1163
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1163 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1163 Datasheet HTML 1Page - Semtech Corporation SC1163 Datasheet HTML 2Page - Semtech Corporation SC1163 Datasheet HTML 3Page - Semtech Corporation SC1163 Datasheet HTML 4Page - Semtech Corporation SC1163 Datasheet HTML 5Page - Semtech Corporation SC1163 Datasheet HTML 6Page - Semtech Corporation SC1163 Datasheet HTML 7Page - Semtech Corporation SC1163 Datasheet HTML 8Page - Semtech Corporation SC1163 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1162/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
2
ELECTRICAL CHARACTERISTICS
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; VOSENSE = VO; 0mV < (CSp-CSm) < 60mV; LDOV = 11.4V to 12.6V; TA = 25
oC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Section
Output Voltage
I
O = 2A
See Note 1.
Supply Voltage
V
CC
4.2
7
V
Supply Current
V
CC = 5.0
8
15
mA
Load Regulation
I
O = 0.8A to 15A
1
%
Line Regulation
0.5
%
Minimum operating voltage
4.2
V
Current Limit Voltage
55
70
85
mV
Oscillator Frequency
175
200
225
kHz
Oscillator Max Duty Cycle
90
95
%
DH Sink/Source Current
BSTH-DH = 4.5V, DH-PGNDH = 2V
1A
DL Sink/Source Current
BSTL-DL = 4.5V, DL-PGNDL = 2V
1A
Output Voltage Tempco
65
ppm/
oC
Gain (A
OL)VOSENSE to VO
35
dB
OVP threshold voltage
120
%
OVP source current
V
OVP = 3.0V
10
mA
Power good threshold voltage
85
115
%
Dead time
50
100
ns
Linear Section
Quiescent current
LDOV = 12V
5
mA
Output Voltage (SC1162)
1.485 1.500 1.515
V
Reference Voltage (SC1163)
1.252 1.265 1.278
V
Feedback Pin Bias Current (SC1163)
10
uA
Gain (A
OL)
LDOS to GATE
90
dB
Load Regulation
I
O = 0 to 8A
(2)
0.3
%
Line Regulation
0.3
%
Output Impedance
200
Ω
Parameter
Symbol
Maximum
Units
V
CC to GND
V
IN
-0.3 to +7
V
PGND to GND
± 1
V
BST to GND
-0.3 to +15
V
Operating Temperature Range
T
A
0 to +70
°C
Junction Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 seconds
T
L
300
°C
Thermal Impedance Junction to Ambient
θ
JA
80
°C/W
Thermal Impedance Junction to Case
θ
JC
25
°C/W
ABSOLUTE MAXIMUM RATINGS
Notes: (1) See Output Voltage table
(2) In application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com