Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1165 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1165
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1165 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1165 Datasheet HTML 1Page - Semtech Corporation SC1165 Datasheet HTML 2Page - Semtech Corporation SC1165 Datasheet HTML 3Page - Semtech Corporation SC1165 Datasheet HTML 4Page - Semtech Corporation SC1165 Datasheet HTML 5Page - Semtech Corporation SC1165 Datasheet HTML 6Page - Semtech Corporation SC1165 Datasheet HTML 7Page - Semtech Corporation SC1165 Datasheet HTML 8Page - Semtech Corporation SC1165 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1164/5
2
Parameter
Symbol
Maximum
Units
VCC to GND
VCC
-0.3 to +7
V
PGND to GND
± 1
V
BST to GND
-0.3 to +15
V
Operating Temperature Range
T
A
0 to +70
°C
Junction Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 seconds
T
L
300
°C
Thermal Impedance Junction to Ambient
θ
JA
80
°C/W
Thermal Impedance Junction to Case
θ
JC
25
°C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Unless specified: VCC = 4.75V to 5.25V; GND = PGND = 0V; VOSENSE = V
O; 0mV < (CS+-CS-) < 60mV; LDOV = 11.4V to 12.6V; TA = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Section
Output Voltage
I
O = 2A
See Note 1.
Supply Voltage
VCC
4.5
7
V
Supply Current
VCC = 5.0V
8
15
mA
Load Regulation
I
O = 0.8A to 15A
1
%
Line Regulation
0.5
%
Current Limit Voltage
55
70
85
mV
Oscillator Frequency
175
200
225
kHz
Oscillator Max Duty Cycle
90
95
%
Peak DH Sink/Source Current
BSTH-DH = 4.5V, DH-PGNDH = 3V
1
A
Peak DL Sink/Source Current
BSTL-DL = 4.5V, DL-PGNDL = 3V
1
A
Output Voltage Tempco
65
ppm/
oC
Gain (A
OL)
VOSENSE to V
O
35
dB
OVP threshold voltage
120
%
OVP source current
V
OVP = 3.0V
10
mA
Power good threshold voltage
85
115
%
Dead time
50
100
ns
Linear Sections
Quiescent current
LDOV = 12V
5
mA
Output Voltage (LDO1 SC1164)
2.475 2.500 2.525
V
Output Voltage (LDO2 SC1164)
1.485 1.500 1.515
V
Reference Voltage (SC1165)
1.252 1.265 1.278
V
Feedback Pin Bias Current (SC1165)
10
uA
Gain (A
OL)
LDOS (1,2) to GATE (1,2)
90
dB
Load Regulation
I
O = 0 to 8A
(2)
0.3
%
Line Regulation
0.3
%
Output Impedance
1
K
Ω
Notes: (1) See Output Voltage table.
(2) In application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com