Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1165 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1165
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1165 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1165 Datasheet HTML 1Page - Semtech Corporation SC1165 Datasheet HTML 2Page - Semtech Corporation SC1165 Datasheet HTML 3Page - Semtech Corporation SC1165 Datasheet HTML 4Page - Semtech Corporation SC1165 Datasheet HTML 5Page - Semtech Corporation SC1165 Datasheet HTML 6Page - Semtech Corporation SC1165 Datasheet HTML 7Page - Semtech Corporation SC1165 Datasheet HTML 8Page - Semtech Corporation SC1165 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1164/5
3
Note:
(1) All logic level inputs and outputs are open
collector TTL compatible.
PIN DESCRIPTION
Pin
Pin Name
Pin Function
1
AGND
Small Signal Analog and Digital Ground
2
GATE1
Gate Drive Output LDO1
3
LDOS1
Sense Input for LDO1
4
LDOS2
Sense Input for LDO2
5
VCC
Input Voltage
6
OVP
High Signal out if V
O>setpoint +20%
7
PWRGOOD
(1)
Open collector logic output, high if V
O
within 10% of setpoint
8
CS-
Current Sense Input (negative)
9
CS+
Current Sense Input (positive)
10
PGNDH
Power Ground for High Side Switch
11
DH
High Side Driver Output
12
PGNDL
Power Ground for Low Side Switch
13
DL
Low Side Driver Output
14
BSTL
Supply for Low Side Driver
15
BSTH
Supply for High Side Driver
16
EN
(1)
Logic low shuts down the converter;
High or open for normal operation.
17
VOSENSE
Top end of internal feedback chain
18
VID4
(1)
Programming Input (MSB)
19
VID3
(1)
Programming Input
20
VID2
(1)
Programming Input
21
VID1
(1)
Programming Input
22
VID0
(1)
Programming Input (LSB)
23
LDOV
+12V for LDO section
24
GATE2
Gate Drive Output LDO2
Top View
(24 Pin SOIC)
AGND
GATE1
LDOS1
LDOS2
VCC
OVP
PWRGOOD
CS-
CS+
PGNDH
DH
PGNDL
1
2
3
LDOV
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOSENSE
EN
BSTH
BSTL
DL
VID0
VID1
VID2
VID3
VID4
GATE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com