Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1175 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1175
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1175 Datasheet HTML 1Page - Semtech Corporation SC1175 Datasheet HTML 2Page - Semtech Corporation SC1175 Datasheet HTML 3Page - Semtech Corporation SC1175 Datasheet HTML 4Page - Semtech Corporation SC1175 Datasheet HTML 5Page - Semtech Corporation SC1175 Datasheet HTML 6Page - Semtech Corporation SC1175 Datasheet HTML 7Page - Semtech Corporation SC1175 Datasheet HTML 8Page - Semtech Corporation SC1175 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
Electrical Characteristics
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
tl
o
V
t
u
p
t
u
OI
O
A
2
=
)
1
(
V
,
T
U
O
V
5
7
.
2
o
t
t
e
s5
6
.
25
7
.
25
8
.
2V
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
2
.
45
1V
t
n
e
rr
u
C
y
l
p
p
u
SV
C
C
0
.
5
=0
1A
m
e
c
n
e
r
e
f
e
R
-
5
7
3
2
.
1
1
±
5
2
.
1
-
5
2
6
2
.
1
1
±
V
n
o
it
a
l
u
g
e
R
d
a
o
LI
O
A
5
1
o
t
A
3
.
0
=
)
1
(
1%
n
o
it
a
l
u
g
e
R
e
n
i
L
e
c
n
e
r
e
f
e
RV
5< V
C
C
<V
5
15
.%
n
o
it
a
l
u
g
e
R
e
n
i
L
t
u
p
t
u
OV
5< V
N
I <V
5
15
.%
A
(
n
i
a
G
L
O )V
E
S
N
E
S
O
V
o
t
O
5
3B
d
e
g
a
tl
o
V
ti
m
i
L
t
n
e
rr
u
C
0
60
70
8V
m
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
0
7
20
0
30
3
3z
H
k
e
l
c
y
C
y
t
u
D
x
a
M
r
o
t
a
ll
i
c
s
O
0
95
9%
t
n
e
rr
u
C
k
n
i
S
H
DV
5
.
3
=
D
N
G
P
-
H
D1
A
t
n
e
rr
u
C
k
n
i
S
H
DV
5
7
.
1
=
D
N
G
P
-
H
D5
.A
t
n
e
rr
u
C
e
c
r
u
o
S
H
DV
0
.
5
=
H
D
-
H
T
S
B1
A
t
n
e
rr
u
C
e
c
r
u
o
S
H
DV
5
.
2
=
H
D
-
H
T
S
B5
.A
Unless Specified: V
CC = 4.75 to 5.25V, GND = PGND = 0V, FB = VO, 0mV < (CS(+) - CS(-)) < 60mV , TJ = 25°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
ti
m
i
Ls
ti
n
U
V
C
C
D
N
G
o
t
V
IN
5
1
o
t
3
.
0
-V
D
N
G
o
t
D
N
G
P
1
±V
D
N
G
o
t
T
S
B
6
2
o
t
3
.
0
-V
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
C
J
0
3
W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
A
J
0
9
C
°
W
/
g
n
it
a
r
e
p
O
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
T
A
5
8
o
t
0
C
°
g
n
it
a
r
e
p
O
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J
5
2
1
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
q
q
Absolute Maximum Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com