Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1175 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1175
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1175 Datasheet HTML 1Page - Semtech Corporation SC1175 Datasheet HTML 2Page - Semtech Corporation SC1175 Datasheet HTML 3Page - Semtech Corporation SC1175 Datasheet HTML 4Page - Semtech Corporation SC1175 Datasheet HTML 5Page - Semtech Corporation SC1175 Datasheet HTML 6Page - Semtech Corporation SC1175 Datasheet HTML 7Page - Semtech Corporation SC1175 Datasheet HTML 8Page - Semtech Corporation SC1175 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
EXPANDED PIN DESCRIPTION
Pin 1: (VREF)
Internal 1.25V reference
Connected to the + input of the master channel error
amplifier.
Pin 2: (+IN)
+ Input of slave channel error amplifier.
Connected to 1.25V reference (Pin 1) for the two
independent channel configuration.
Pin 3, 18: (-IN2, -IN1)
- Inputs of close loop error amplifiers.
Works as a feedback inputs (For both modes).
Pin 4: (VCC)
VCC chip supply voltage.
15V maximum, 10mA typical.
Needs a 1µF ceramic multilayer decoupling capaci-
tor to GND (Pin 20).
Pin 5, 6,15, 16: (CL2-, CL2+, CL1+, CL1-)
Pins (-) and (+) of the current limit amplifiers for both
channels.
Connected to output current sense resistors. Com-
pares that sense voltage to internal 75mV reference.
Needs RC filter for noise rejection.
Pin 7, 14: (BST2, BST1)
BST signal. Supply for high side driver.
Can be connected to a high enough voltage source.
Usually connected to bootstrap circuit.
Pin 8, 13: (DH2, DH1)
DH signal (Drive High).
Gate drive for top MOSFETs.
Requires a small series resistor.
Pin 9, 12: (DL2, DL1)
DL signal (Drive Low).
Gate drive for bottom MOSFETs.
Requires a small series resistor.
Pin 10: (PGND)
Power GND. Return of gate drive currents.
Pin 11: (BSTC)
Supply for bottom MOSFETs gate drive.
Pin 17: (SS/ENA)
Soft start pin. Internal current source connected to
external capacitor.
Inhibits the chip if pulled down.
Pin 19: (PWRGD)
Power good signal.
Open collector signal .
Turns to 0 if output voltage is outside the power good
window.
Pin 20: (GND)
Analog GND.
Return of analog signals and bias of chip.
E
C
I
V
E
D
)
1
(
E
G
A
K
C
A
P
R
T
.
W
S
C
5
7
1
1
C
S0
2
-
O
S
1
-
B
V
E
5
7
1
1
C
S
E
R
A
H
S
T
N
E
R
R
U
C
N
O
I
T
A
U
L
A
V
E
N
O
I
S
R
E
V
D
R
A
O
B
2
-
B
V
E
5
7
1
1
C
S
L
E
N
N
A
H
C
L
A
U
D
N
O
I
T
A
U
L
A
V
E
N
O
I
S
R
E
V
D
R
A
O
B
Notes:
(1) Only available in tape and reel packaging. A reel
contains 1000 devices
Pin Configuration
Ordering Information
Pin Descriptions
Marking Information
TOP
yyww = Datecode (Example: 9908)
xxxx = Semtech Lot # (Example: 90101)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com