Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1408 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1408
Description  LOW VOLTAGE, BOOST DC-DC CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1408 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1408 Datasheet HTML 1Page - Semtech Corporation SC1408 Datasheet HTML 2Page - Semtech Corporation SC1408 Datasheet HTML 3Page - Semtech Corporation SC1408 Datasheet HTML 4Page - Semtech Corporation SC1408 Datasheet HTML 5Page - Semtech Corporation SC1408 Datasheet HTML 6Page - Semtech Corporation SC1408 Datasheet HTML 7Page - Semtech Corporation SC1408 Datasheet HTML 8Page - Semtech Corporation SC1408 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE, BOOST DC-DC
CONTROLLER
SC1408
August 22, 2000
5
Fig. 1: Typical Application - Boost Configuration
+
C3
100uF
C5
0.1uF
D1
B130T
R3
31.6k
Vin=3.3V
C9
(1)
U1
SC1408IS
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
SHDN
REF
AGND
GND
+
C8
100uF
R4
10.0k
COILCRAFT DO3316P-223
+
C2
100uF
Q1
IRLR024N
L1
22uH
(1) See Component Selection
R2
0.05Ohm
Vout=5V
Fig. 2: Typical Application - Buck/Boost (SEPIC) Configuration
C9
(1)
R2
0.05Ohm
C4
0.1uF
D1
B130T
Vin=2.7V to 6V
D2
1N4148
+
C1
100uF
+
C2
100uF
L1A 22uH
1
2
L1A/L1B IS COUPLED INDUCTOR
PULSE PE-53718 OR
EQUIVALENT
R4
10.0k
Q1
IRLL3303
+
C3
100uF
U1
SC1408IS
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
SHDN
REF
AGND
GND
Vout=5V
(1) See Component Selection
R3
31.6k
L1B
22uH
4
3
+
C8
100uF
C5
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com