Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1408 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1408
Description  LOW VOLTAGE, BOOST DC-DC CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1408 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1408 Datasheet HTML 2Page - Semtech Corporation SC1408 Datasheet HTML 3Page - Semtech Corporation SC1408 Datasheet HTML 4Page - Semtech Corporation SC1408 Datasheet HTML 5Page - Semtech Corporation SC1408 Datasheet HTML 6Page - Semtech Corporation SC1408 Datasheet HTML 7Page - Semtech Corporation SC1408 Datasheet HTML 8Page - Semtech Corporation SC1408 Datasheet HTML 9Page - Semtech Corporation SC1408 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE, BOOST DC-DC
CONTROLLER
SC1408
August 22, 2000
6
Fig. 3: Achieving output voltages greater than 16.5V
+
C3
100uF
25V OUT
Q1
IRL3103S
L1
22uH
D3
12V
3.3V IN
D1
B130T
+
C8
100uF
R4
10.0k
U1
SC1408IS
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
SHDN
REF
AGND
GND
R2
0.05Ohm
R6
470
C4
0.1uF
R3
200k
+
C2
100uF
D4
1N4148
C5
0.1uF
Fig. 4: Implementing shutdown with input/output isolation
R3
90k
3.3V IN
U1
SC1408IS
8
1
2
3
4
5
6
7
ISENSE
GATE
BST
FB
SHDN
REF
AGND
GND
L1
22uH
+
C2
100uF
+
C3
100uF
12V OUT
C5
0.1uF
D1
B130T
C4
0.1uF
R2
0.05Ohm
J1
1
2
R5
5.1k
Q1
IRLL3303
SHORT = RUN
OPEN = SHUTDOWN
+
C8
100uF
R4
10.0k
Q2
Si2301DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com