Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4801 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4801
Description  Dual-P Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4801 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4801 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4801 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4801 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4801 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG4801
-5 A, -30 V, RDS(ON) 50 m
Dual-P Enhancement Mode Power MOSFET
Elektronische Bauelemente
19-Jan-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG4801 uses advanced trench technology to
provide excellent on-resistance, low gate charge and
operation with gate voltages as low as 2.5V. The device is
suitable for use as a load switch or in PWM applications.
It may be used in a common drain arrangement to from a
bidirectional blocking switch.
FEATURES
Simple Drive Requirement
Lower On-resistance
Low Gate Charge
MARKING
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
1
TA = 25°C
ID
-5
A
TA = 70°C
-4.2
Pulsed Drain Current
2
IDM
-30
A
Total Power Dissipation
1
TA = 25°C
PD
2
W
Linear Derating Factor
0.016
W / °C
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Thermal Resistance Junction-ambient
1 (Max.)
RθJA
62.5
°C / W
Notes:
1. Surface Mounted on FR4 Board, t
10sec.
≦
2. Pulse width
300 μs, duty cycle
2
≦≦
%
SOP-8
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
4801SS

= Date Code
S1
G1
G2
S2
D1
D1
D2
D2


Similar Part No. - SSG4801

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4801 SECOS-SSG4801_15 Datasheet
1,000Kb / 4P
Dual-P Enhancement Mode Power MOSFET
More results

Similar Description - SSG4801

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4953P SECOS-SSG4953P Datasheet
601Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
logo
SeCoS Halbleitertechnol...
SSG4801 SECOS-SSG4801_15 Datasheet
1,000Kb / 4P
Dual-P Enhancement Mode Power MOSFET
SSG4953 SECOS-SSG4953_15 Datasheet
420Kb / 4P
Dual-P Enhancement Mode Power MOSFET
SSG7328J SECOS-SSG7328J Datasheet
306Kb / 3P
Dual-P Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
Dual P-Channel Enhancement Mode Power MOSFET
logo
SeCoS Halbleitertechnol...
SSG4953-C SECOS-SSG4953-C Datasheet
319Kb / 4P
Dual-P Enhancement Mode Power MOSFET
SSG7328J-C SECOS-SSG7328J-C Datasheet
287Kb / 3P
Dual-P Enhancement Mode Power MOSFET
SSPRD11P02-C SECOS-SSPRD11P02-C Datasheet
574Kb / 4P
Dual P-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
Dual P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com