Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4801 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4801
Description  Dual-P Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4801 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4801 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4801 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4801 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4801 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSG4801
-5 A, -30 V, RDS(ON) 50 m
Dual-P Enhancement Mode Power MOSFET
Elektronische Bauelemente
19-Jan-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0V, ID = -250uA
Gate Threshold Voltage
VGS(th)
-0.5
-
-1.0
V
VDS=VGS, ID = -250uA
Forward Transconductance
2
gfs
-
11
-
S
VDS= -5V, ID = -5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage
Current
TJ=25°C
IDSS
-
-
-1
μA
VDS= -24V, VGS=0V
TJ=55°C
-
-
-5
μA
VDS= -24V, VGS=0V
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
50
mΩ
VGS= -10V, ID= -5A
-
-
65
VGS= -4.5V, ID= -4A
-
-
120
VGS= -2.5V, ID= -1A
Total Gate Charge
2
Qg
-
9.5
-
nC
VDS= -15V, ID = -5A, VGS= -4.5V
Gate-Source Chagre
Qgs
-
2.0
-
Gate-Drain (“Miller”) Change
Qgd
-
3.1
-
Turn-on Delay Time
2
Td(ON)
-
12
-
nS
VDS= -15V, VGS= -10V
RL=3Ω, RG=6Ω
Rise Time
Tr
-
4
-
Turn-off Delay Time
Td(OFF)
-
37
-
Fall Time
Tf
-
12
-
Input Capacitance
CISS
-
952
-
pF
VDS= -15V
VGS=0V
f=1.0MHz
Output Capacitance
COSS
-
103
-
Reverse Transfer Capacitance
CRSS
-
77
-
Source-Drain Diode
Forward On Voltage
2
VSD
-
-
-1.2
V
IS= -1.7A, VGS=0V
Notes:
1 Surface Mounted on FR4 Board, t
10sec.
≦
2. Pulse width
300 μs, duty cycle
2
≦≦
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com