Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1456 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1456
Description  Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1456 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1456 Datasheet HTML 1Page - Semtech Corporation SC1456 Datasheet HTML 2Page - Semtech Corporation SC1456 Datasheet HTML 3Page - Semtech Corporation SC1456 Datasheet HTML 4Page - Semtech Corporation SC1456 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dual 150mA ULTRA LOW DROPOUT,
LOW NOISE REGULATOR
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1456
PRELIMINARY - June 15, 2000
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to +7
V
Thermal Resistance Junction to Ambient
θ
JA
113
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 seconds
T
LEAD
300
°C
ESD Rating (Human Body Model)
ESD
1.25
kV
ELECTRICAL CHARACTERISTICS
(1)
Unless specified: V
IN = 3.6V, VSET = GND, VEN = VIN, TA = 25°C. Values in bold apply over full operating ambient temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IN1, IN2
Supply Voltage Range
V
IN
2.5
6.0
V
Supply Current
I
Q
I
OUT = 0mA
90
130
µA
160
50mA
≤ I
OUT ≤ 150mA
110
160
µA
200
V
EN = 0V
0.0001
1
µA
2
OUT1, OUT2
Output Voltage
(2)
V
OUT
I
OUT = 1mA
-2.0%
V
OUT
+2.0%
V
1mA
≤ I
OUT ≤ 150mA, VOUT+1V ≤ VIN ≤ 5.5V
-3.5%
+3.5%
Line Regulation
(2)
REG
(LINE)
2.5V
≤ V
IN ≤ 5.5V, VSET = VOUT, IOUT = 1mA
510
mV
12
Load Regulation
(2)
REG
(LOAD)
I
OUT = 0mA to 50mA
-10
-15
mV
-20
I
OUT = 0mA to 100mA
-15
-20
mV
-25
I
OUT = 0mA to 50mA, VSET = VOUT
-2.5
-7.5
mV
-15.0
I
OUT = 0mA to 100mA, VSET = VOUT
-5
-15
mV
-30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com