Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1456 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1456
Description  Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1456 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1456 Datasheet HTML 1Page - Semtech Corporation SC1456 Datasheet HTML 2Page - Semtech Corporation SC1456 Datasheet HTML 3Page - Semtech Corporation SC1456 Datasheet HTML 4Page - Semtech Corporation SC1456 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dual 150mA ULTRA LOW DROPOUT,
LOW NOISE REGULATOR
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1456
PRELIMINARY - June 15, 2000
4
BLOCK DIAGRAM
PIN CONFIGURATION
Top View
MSOP-10
PIN DESCRIPTIONS
Pin #
Pin Name Description
1
EN1
Active high enable pin for device 1. Connect to VIN1 if not being used.
2
GND
Ground pin. Can be used for heatsinking if needed. Electrically connected to pin 7.
3
SET1
Connecting this pin to ground results in the internally preset value for V
OUT1. Connecting to an
external resistor divider changes V
OUT1 to:
4
OUT2
Regulator output for device 2, sourcing up to 150mA
5
IN2
Supply input pin for device 2.
6
EN2
Active high enable pin for device 2. Connect to VIN2 if not being used.
7
GND
Ground pin. Can be used for heatsinking if needed. Electrically connected to pin 2.
8
SET2
Connecting this pin to ground results in the internally preset value for V
OUT2. Connecting to an
external resistor divider changes V
OUT2 to:
9
OUT1
Regulator output for device 1, sourcing up to 150mA
10
IN1
Supply input pin for device 1.
 +
•
=
2
R
1
R
1
250
.
1
V
1
OUT
 +
•
=
2
R
1
R
1
250
.
1
V
2
OUT
VOLTAGE OPTIONS
Replace X in the part number (SC1456XIMS) by the letter shown
below for the corresponding voltage option:
XV
OUTA (V)
V
OUTB (V)
A2.5
2.5
B2.8
2.8
C3.0
3.0
D3.3
3.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com