Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1531ACSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1531ACSTR
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531ACSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1531ACSTR Datasheet HTML 3Page - Semtech Corporation SC1531ACSTR Datasheet HTML 4Page - Semtech Corporation SC1531ACSTR Datasheet HTML 5Page - Semtech Corporation SC1531ACSTR Datasheet HTML 6Page - Semtech Corporation SC1531ACSTR Datasheet HTML 7Page - Semtech Corporation SC1531ACSTR Datasheet HTML 8Page - Semtech Corporation SC1531ACSTR Datasheet HTML 9Page - Semtech Corporation SC1531ACSTR Datasheet HTML 10Page - Semtech Corporation SC1531ACSTR Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
Introduction
The SC1531(A) is intended for applications such as power
managed PCI and network interface cards (NICs), where
operation from a 3.3V VAUX supply may be required when
the 5V supply has been shut down. It provides a very
simple, low cost solution that uses very little pcb real
estate. During regular operation, 3.3V power for the PCI
card is provided by the SC1531(A)’s on-board low
dropout regulator, generated from the 5V supply. When
the 5V supply is removed and 3.3V VAUX is available, the
SC1531(A) connects this supply directly to its output
using a tiny SOT-23 external p-channel FET. Connection
of pin 3 (VAUX) to the 3.3V supply is optional, and adds
active pull-down to the Drive pin.
Component Selection
Output capacitors - Semtech recommends a minimum
bulk capacitance of 4.7µF at the output, along with a
0.1µF ceramic decoupling capacitor. Increasing the bulk
capacitance will improve the overall transient response.
The device is very tolerant of capacitor value and ESR
variations, in fact, any combination of capacitors with
C ³ 4.7µF and ESR < 1W is sufficient for stability. This
target is easily met using surface mount ceramic or
tantalum capacitors.
Input capacitors (5V) - Semtech recommends the use of
a 4.7µF ceramic or tantalum capacitor plus a 0.1µF
ceramic capacitor at the input. This allows for the device
being some distance from any bulk capacitance on the
rail. Additionally, input droop due to load transients is
reduced, improving load transient response.
Input capacitors (3.3V) - Semtech recommends
decoupling this pin (if used) with a 0.1µF ceramic
capacitor.
P-channel bypass FET - selection of the external FET is
determined by two main requirements:
1) the FET has to have a very low gate threshold
(typically ~1V) in order to be sufficiently turned on with
V
GS £ 3.3V.
2) the FET R
DS(ON) must be low enough such that:
(
)
)
MIN
(
)
ON
(
DS
)
MAX
(
O
VO
R
I
VAUX
≥
•
−
Typical Characteristics (Cont.)(1)
Load Transient Response
Trace 1: VO
Trace 2: I
O stepping from 0mA to 200mA
Load Transient Response
Trace 1: VO
Trace 2: I
O stepping from 200mA to 0mA
Applications Information
Notes:
(1) In Application Circuit on page 1.
(2) I
O = 200mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com