Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1531ACSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1531ACSTR
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531ACSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1531ACSTR Datasheet HTML 3Page - Semtech Corporation SC1531ACSTR Datasheet HTML 4Page - Semtech Corporation SC1531ACSTR Datasheet HTML 5Page - Semtech Corporation SC1531ACSTR Datasheet HTML 6Page - Semtech Corporation SC1531ACSTR Datasheet HTML 7Page - Semtech Corporation SC1531ACSTR Datasheet HTML 8Page - Semtech Corporation SC1531ACSTR Datasheet HTML 9Page - Semtech Corporation SC1531ACSTR Datasheet HTML 10Page - Semtech Corporation SC1531ACSTR Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
.
y
t
Qe
c
n
e
r
e
f
e
Rn
o
it
p
i
r
c
s
e
D
/t
r
a
Pr
o
d
n
e
Vs
e
t
o
N
35
C
,
3
C
,
1
Cc
i
m
a
r
e
c
F
µ
1
.
0s
u
o
ir
a
Vd
e
t
c
e
n
n
o
c
t
o
n
X
U
A
V
fi
d
e
ri
u
q
e
r
t
o
n
1
C
24
C
,
2
Cm
u
l
a
t
n
a
t
r
o
c
i
m
a
r
e
c
F
µ
7
.
4s
u
o
ir
a
V
11
Q
1
T
L
E
2
0
P
1
F
S
G
Ma
l
o
r
o
t
o
M,
d
l
o
h
s
e
r
h
t
e
t
a
g
w
o
l
,l
e
n
n
a
h
c
-
P
£ 4m
0
0W
)
1
3
5
1
C
S
(
S
D
1
0
3
2
i
Sy
a
h
s
i
V,
d
l
o
h
s
e
r
h
t
e
t
a
g
w
o
l
,l
e
n
n
a
h
c
-
P
£
m
0
0
2W
)
A
1
3
5
1
C
S
(
11
US
C
)
A
(
1
3
5
1
C
Sh
c
e
t
m
e
S
Top Copper
Top Silk Screen
Figure 1: Suggested pcb layout based upon Application Circuit on Page 1.
Application Information (Cont.)
Bill of Materials (Application Circuit Page 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com