Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1537 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1537
Description  700mA SmartLDOTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1537 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1537 Datasheet HTML 1Page - Semtech Corporation SC1537 Datasheet HTML 2Page - Semtech Corporation SC1537 Datasheet HTML 3Page - Semtech Corporation SC1537 Datasheet HTML 4Page - Semtech Corporation SC1537 Datasheet HTML 5Page - Semtech Corporation SC1537 Datasheet HTML 6Page - Semtech Corporation SC1537 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
700mA SmartLDO
TM
SC1537
PRELIMINARY - July 25, 2000
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
VIN
-0.5 to +7
V
Auxiliary Supply Voltage
VAUX
-0.5 to +7
V
LDO Output Current
I
O
10 to 700
mA
Operating Ambient Temperature Range
T
A
0 to +70
°C
Operating Junction Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 Sec
T
LEAD
300
°C
Thermal Impedance Junction to Ambient
SO-8
(1)
TO-263
θ
JA
65
60
°C/W
Thermal Impedance
Junction to Case
SO-8
TO-263
θ
J C
39
3
°C/W
ESD Rating (Human Body Model)
ESD
2
kV
Note:
(1) 1 inch square of 1/16” FR-4, double sided, 1 oz. minimum copper weight.
ELECTRICAL CHARACTERISTICS
Unless specified, T
A = 25°C, VIN = 5V, VAUX = 3.3V, IO = 700mA, CO = 10µF. Values in bold apply over full operating temperature range.
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Units
VIN
Supply Voltage
VIN
VAUX = 0V
4.75
5.00
5.25
V
Quiescent Current
I
Q
VIN = 5V, VAUX = 0V, I
O = 0mA
9.0
14.0
mA
16.0
VIN = 5V, VAUX = 3.3V, I
O = 0mA
13.0
17.0
mA
18.0
Reverse Leakage From VAUX
I
VIN
VAUX = 3.6V, VIN = 0V, I
O = 0mA
-1.5
-3.0
mA
-4.0
VAUX
Supply Voltage
VAUX
3.0
3.3
3.6
V
Quiescent Current
I
Q(AUX)
VAUX = 3.3V, VIN = 0V, I
O = 0mA
8.0
11.0
mA
13.0
VAUX = 3.3V, VIN = 5V, I
O = 0mA
1.5
2.5
mA
3.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com