Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1537 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1537
Description  700mA SmartLDOTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1537 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1537 Datasheet HTML 1Page - Semtech Corporation SC1537 Datasheet HTML 2Page - Semtech Corporation SC1537 Datasheet HTML 3Page - Semtech Corporation SC1537 Datasheet HTML 4Page - Semtech Corporation SC1537 Datasheet HTML 5Page - Semtech Corporation SC1537 Datasheet HTML 6Page - Semtech Corporation SC1537 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
700mA SmartLDO
TM
SC1537
PRELIMINARY - July 25, 2000
3
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
Unit
VAUX (Cont.)
Reverse Leakage From VIN
I
VAUX
VIN = 5.5V, VAUX = 0V, I
O = 0mA
-5.0
-50.0
µA
-
100.0
5V Detect
(1)(2)(3)
Low Threshold Voltage
V
TH(LO)
VIN Falling, I
O = 20mA
3.92
4.05
4.18
V
3.90
4.20
Hysteresis
V
HYST
90
170
mV
80
High Threshold Voltage
V
TH(HI)
VIN Rising, I
O = 20mA
4.35
V
VO
LDO Output Voltage
VO
I
O = 20mA
3.267
3.300
3.333
V
4.75V
≤ VIN ≤ 5.25V, 0mA ≤ I
O ≤ 700mA
3.234
3.366
Output Current
I
O
400
mA
Line Regulation
REG
(LINE)
VIN = 4.75V to 5.25V
0.20
0.60
%
0.80
Load Regulation
REG
(LOAD)
I
O = 10mA to 700mA
0.6
1.0
%
1.2
Drive Output
Drive Voltage
V
DR
4.75V
≤ VIN ≤ 5.25V, I
DR = 200µA
3.4
VIN - 0.8
V
3.3
VIN < V
TH(LO), IDR = -200µA
35
150
mV
250
Peak Drive Current
I
DR(PK)
Sinking: VIN = 3.9V, V
DR = 1V;
7
mA
Sourcing: VIN = 4.35V, VIN - V
DR = 2.5V
6
Drive High Delay
(1)(4)
t
DH
C
DR = 1.2nF, VIN ramping up, measured
0.5
1.0
µs
from VIN = V
TH(HI) to VDR = 2V
2.0
Drive Low Delay
(1)(4)
t
DL
C
DR = 1.2nF, VIN ramping down,
measured
0.5
1.0
µs
from VIN = V
TH(LO) to VDR = 2V
2.0
ELECTRICAL CHARACTERISTICS
Unless specified, T
A = 25°C, VIN = 5V, VAUX = 3.3V, IO = 700mA, CO = 10µF. Values in bold apply over full operating temperature range.
NOTES:
(1) Guaranteed by design.
(2) See 5V Detect Thresholds on page 5.
(3) Recommended source impedance for 5V supply:
≤ 0.07Ω. This will ensure that I
O x RSOURCE < VHYST, thus
avoiding DR toggling during 5V detect threshold transitions.
(4) See Timing Diagram on page 5.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com