Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1548 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation SC1548 Datasheet HTML 11Page - Semtech Corporation SC1548 Datasheet HTML 12Page - Semtech Corporation SC1548 Datasheet HTML 13Page - Semtech Corporation SC1548 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
It is possible to adjust the output voltage of the fixed
voltage options, by applying an external resistor divider
to the sense pin (please refer to Figure 1 below). Since
the sense pin sinks a nominal 100µA, the resistor
values should be selected to allow 10mA to flow through
the divider. This will ensure that variations in this current
do not adversely affect output voltage regulation. Thus a
target value for R2 (maximum) can be calculated:
Ω
≤
mA
10
V
2
R
)
FIXED
(
OUT
The output voltage can only be adjusted upwards from the fixed
output voltage, and can be calculated using the
following equation:
Volts
A
100
1
R
2
R
1
R
1
V
V
)
FIXED
(
OUT
)
ADJUSTED
(
OUT
µ
•
+
 +
•
=
Adjustable Output Voltage Option
The adjustable output voltage option does not have an
internal resistor divider. The adjust pin connects directly
to the inverting input of the error amplifier, and the
output voltage is set using external resistors (please
refer to Figure 2 above). In this case, the adjust pin
sources a nominal 0.5µA, so the resistor values should
be selected to allow 50µA to flow through the divider.
Again, a target value for R2 (maximum) can be
calculated:
Ω
µ
≤
A
50
V
263
.
1
2
R
The output voltage can be calculated as follows:
1
R
A
5
.
0
2
R
1
R
1
263
.
1
V
OUT
•
µ
−
 +
•
=
Applications Infomation (Cont.)
VOUT
VPWR
12V IN
ENABLE
R1
R2
Q1
C4
0.1uF
+
C3
22uF
+
C2
100uF
+
C1
100uF
U1
SC1548CSK-X.X
1
2
3
4
5
SNS
GND
DRV
IN
EN
Figure 1: Adjusting The Output Voltage of Fixed Output Voltage Options
VOUT
VPWR
12V IN
ENABLE
Q1
C4
0.1uF
+
C1
100uF
+
C2
100uF
+
C3
22uF
R1
R2
U1
SC1548CSK
1
2
3
4
5
ADJ
GND
DRV
IN
EN
Figure 2: Setting The Output Voltage of the Adjustable Output Voltage Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com