Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1548 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation SC1548 Datasheet HTML 11Page - Semtech Corporation SC1548 Datasheet HTML 12Page - Semtech Corporation SC1548 Datasheet HTML 13Page - Semtech Corporation SC1548 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Please see Table 1 below for recommended resistor
values for some standard output voltages. All resistors
are 1%, 1/10W.
)
V
(
T
U
O
V(
1
R
W)(
2
R
W)
5
.
17
.
8
10
0
1
8
.
12
.
2
40
0
1
5
.
26
.
7
90
0
1
8
.
24
2
12
0
1
0
.
30
4
12
0
1
3
.
39
6
15
0
1
Table 1: Recommended Resistor Values For SC1548
The maximum output voltage that can be obtained from
the adjustable option is determined by the input supply
voltage and the R
DS(ON) and gate threshold voltage of the
external MOSFET. Assuming that the MOSFET gate
threshold voltage is sufficiently low for the output
voltage chosen and a worst-case drive voltage of 9V,
V
OUT(MAX) is given by:
)
MAX
)(
ON
(
DS
)
MAX
(
OUT
)
MIN
(
PWR
)
MAX
(
OUT
R
I
V
V
•
−
=
Short Circuit Protection
The short circuit protection feature of the SC1548 is
implemented by using the R
DS(ON) of the MOSFET. As the
output current increases, the regulation loop maintains
the output voltage by turning the FET on more and more.
Eventually, as the R
DS(ON) limit is reached, the MOSFET
will be unable to turn on any further, and the output
voltage will start to fall. When the output voltage falls to
approximately 50% of nominal, the LDO controller is
latched off, setting output voltage to 0V. Power must be
cycled to reset the latch.
To prevent false latching due to capacitor inrush currents
or low supply rails, the current limit latch is initially
disabled. It is enabled at a preset time (nominally 5ms)
after both IN and EN rise above their lockout points. If
EN is left floating (using the internal resistor pullup), then
V
PWR should come up before VIN, or the device will latch
off. If the enable function is not being used, EN should
be tied to V
PWR.
To be most effective, the MOSFET R
DS(ON) should not be
selected artificially low. The MOSFET should be
chosen so that at maximum required current, it is almost
fully turned on. If, for example, a supply of 1.5V at 4A is
required from a 3.3V ± 5% rail, the maximum allowable
R
DS(ON) would be:
()
Ω
≈
•
−
•
=
m
400
4
025
.
1
5
.
1
3
.
3
95
.
0
R
)
MAX
)(
ON
(
DS
To allow for temperature effects 200mW would be a
suitable room temperature maximum, allowing a peak
short circuit current of approximately 15A for a short time
before shutdown.
Capacitor Selection
Output Capacitors: low ESR aluminum electrolytic or tan-
talum capacitors are recommended for bulk
capacitance, with ceramic bypass capacitors for
decoupling high frequency transients.
Input Capacitors: placement of low ESR aluminum
electrolytic or tantalum capacitors at the input to the
MOSFET (V
PWR) will help to hold up the power supply
during fast load changes, thus improving overall transient
response. The 12V supply should be bypassed with a
0.1µF ceramic capacitor.
Layout Guidelines
One of the advantages of using the SC1548 to drive an
external MOSFET is that the bandgap reference and
control circuitry do not need to be located right next to
the power device, thus a very accurate output voltage
can be obtained since heating effects will be minimal.
The 0.1µF bypass capacitor should be located close to
the supply pin, and connected directly to the ground plane.
The ground pin of the device should also be connected
directly to the ground plane. The sense or adjust pin does
not need to be close to the output voltage plane, but
should be routed to avoid noisy traces if at all possible.
Power dissipation within the device is practically
negligible, requiring no special consideration during
layout.
Applications Infomation (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com