Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1630CS Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1630CS
Description  LOW VOLTAGE MULTI-MODE DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1630CS Datasheet(HTML) 6 Page - Semtech Corporation

  SC1630CS Datasheet HTML 1Page - Semtech Corporation SC1630CS Datasheet HTML 2Page - Semtech Corporation SC1630CS Datasheet HTML 3Page - Semtech Corporation SC1630CS Datasheet HTML 4Page - Semtech Corporation SC1630CS Datasheet HTML 5Page - Semtech Corporation SC1630CS Datasheet HTML 6Page - Semtech Corporation SC1630CS Datasheet HTML 7Page - Semtech Corporation SC1630CS Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE MULTI-MODE
DC-DC CONVERTER
SC1630
January 30, 1998
TYPICAL APPLICATIONS (cont.)
TYPICAL PERFORMANCE CHARACTERISTICS
Step-Up Rechargeable Battery Charger
Step-Up/Step-Down Rechargeable Battery Charger
Charging current =0.8A, Auto Cut-Off at 0.25% -Delta-V point and fault conditions (RIF sets the charging current).
VDD must be lower than VBAT.
Short circuit condition is protected with a 2A fuse.
Fast charge current =0.8A when VDD<VBAT, = (VDD-VBAT-0.5)/0.82 when VDD>VBAT.
Trickle charge current = 30mA (RIF sets fast charge current, RIT sets trickle charge current).
Typical efficiency = 75%.
With short circuit protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com