Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1630CS Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1630CS
Description  LOW VOLTAGE MULTI-MODE DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1630CS Datasheet(HTML) 8 Page - Semtech Corporation

  SC1630CS Datasheet HTML 1Page - Semtech Corporation SC1630CS Datasheet HTML 2Page - Semtech Corporation SC1630CS Datasheet HTML 3Page - Semtech Corporation SC1630CS Datasheet HTML 4Page - Semtech Corporation SC1630CS Datasheet HTML 5Page - Semtech Corporation SC1630CS Datasheet HTML 6Page - Semtech Corporation SC1630CS Datasheet HTML 7Page - Semtech Corporation SC1630CS Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE MULTI-MODE
DC-DC CONVERTER
SC1630
January 30, 1998
DEVICE OUTLINE - SO-8
PIN DESCRIPTIONS
PIN 1: SD
The SC1630 goes into shutdown
mode and consumes less than 10µA
when the SD pin is pulled to ground,
and it goes into normal operating
mode when the SD pin is pulled to a
positive voltage above 100mV.
PIN 2: V
IN
Input supply.
PIN 3: EXT
Push-Pull driver output to drive exter-
nal power switch.
PIN 4: GND
Ground.
PIN 5: FB
The output voltage can either be inter-
nally set to 5 volts by grounding the FB
pin, or it can be externally set to an
arbitrary voltage by applying to the FB
pin the divider voltage of two external
divider resistors. V
OUT voltage is given
by the following equation:
Where:
R1= Resistor connected beween FB
Pin and V
OUT pin.
R2= Resistor connected between FB
Pin and ground.
V
OUT = Output voltage to be set.
PIN 6: LBO
Open drain output of the battery low
detector, with 45 Ohm “On Resis
tance” at V
IN=2V. It is pulled low when
the voltage on LBI pin is below 1.22
volts.
PIN 7: LBI
The inverting input of the battery low
detector, of which the non-inverting in-
put is internally connected to the 1.22V
voltage reference.
PIN 8: V
OUT
The output voltage feeds back to the
IC through this pin for internally set 5V
operation. If the output voltage is
externally set, the V
OUT pin can be tied
to any low impedance node with volt-
age between the external power
switch threshold and 7 volts.


+
=
2
1
OUT
R
R
1
611
.
0
V
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com