Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1652 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1652
Description  MICROPOWER INVERTING DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1652 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1652 Datasheet HTML 1Page - Semtech Corporation SC1652 Datasheet HTML 2Page - Semtech Corporation SC1652 Datasheet HTML 3Page - Semtech Corporation SC1652 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
MICROPOWER INVERTING
DC-DC CONVERTER
SC1652
January 29, 1998
Note:
(1) Add suffix ‘TR’ for tape and reel.
PIN CONFIGURATION
FEATURES
• 2.4V to 7V input voltage operation
• Adjustable output voltage up to -40V
• Low quiescent current at 80µA
• Pulse frequency modulation maintains high
efficiency (max 87%)
• 70kHz to 160kHz switching frequency
• Power-saving shutdown mode (0.7µA typical)
• High efficiency with low cost external PNP bipolar
transistor
DESCRIPTION
The SC1652 is a high performance inverting DC-DC
converter, designed to drive an external power switch
to generate programmable negative voltages. In the
particularly suitable LCD bias contrast application,
efficiency of 87% can be achieved with low cost PNP
bipolar transistor drivers. The output voltage can be
scaled to -40V by two external resistors. A pulse
frequency modulation scheme is employed to maintain
high efficiency conversion under wide input voltage
ranges. Quiescent current is about 80µA and can be
reduced to 0.7µA in shutdown mode. With a switching
frequency range of 70kHz to 160kHz, small size
switching components may be used, which is ideal for
battery powered portable equipment such as notebook
and palmtop computers.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATIONS
• Negative LCD Contrast Bias for
1.
Notebook & palmtop computers
2.
Pen-based data systems
3.
Portable data collection terminals
4.
Personal digital assistants
• Negative voltage supplies
DEVICE
(1)
V
OUT
PACKAGE
SC1652CS
Adj
SO-8
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
+
7.0
V
Operating
Temperature Range
T
A
0 to 70
°C
Storage Temperature
Range
T
STG
-65 to 125
°C
BLOCK DIAGRAM


Similar Part No. - SC1652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
SC1650CS SEMTECH-SC1650CS Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
logo
France Joint
SC165X180X8 FRANCEJOINT-SC165X180X8 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC165X190X13 FRANCEJOINT-SC165X190X13 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC1652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1173 AD-ADP1173 Datasheet
478Kb / 16P
Micropower DC-DC Converter
REV.0
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
Micropower Inverting DC/DC Converter in SOT-23-5
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Linear Technology
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
Inverting Micropower DC/DC Converter with Schottky
logo
Analog Devices
ADP1173 AD-ADP1173_15 Datasheet
485Kb / 16P
Micropower DC-DC Converter
REV. 0
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
Inverting Micropower DC/DC Converters with Schottky
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com