Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451L-S16-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # TL1451L-S16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451L-S16-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button TL1451L-S16-R Datasheet HTML 6Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 7Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 8Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 9Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 10Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 11Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 12Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 13Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 14
www.unisonic.com.tw
QW-R103-011.D
TYPICAL CHARACTERISTICS(Cont.)
1.1
0.6
-25
50
75
0
0.9
25
Dropout Voltage Variation vs
Free-Air Temperature
Free - Air Temperature, Ta ()
0.8
1
100
0.7
3
0.5
025
30
5
2
15
Reference Output Voltage vs Supply Voltage
Supply Voltage, VCC (V)
1.5
0
2.5
40
1
II(REF) = 1mA
Ta = 25℃
35
20
10
3.5
2
-25
50
75
0
3
25
Undervoltage Lockout Characteristics
Free - Air Temperature, Ta ()
2.5
3.25
100
2.25
6
1
03
4
1
4
2
Undervoltage Lockout Hysteresis
Characteristics
Supply Voltage, VCC (V)
3
0
5
5
2
II(REF) = 1mA
Ta = 85℃
Ta = 20℃
Ta = 25℃
7,12
8
5V
RL
I = IO
VDE
IO =10mA
2.75
300
0
200
100
250
50
150
Threshold Voltage-VTH
(Left Scale)
Threshold Voltage-VTL
(Left Scale)
Threshold Voltage
(Right Scale)
1.10
-25
50
75
0
1.25
25
Short-Circuit Protection Characteristics
Free - Air Temperature, Ta ()
1.20
1.30
100
1.15
1
2.5
2
3
1.5
Short-Circuit Protection
Latch Reset Supply Voltage
(Right Scale)
Short-Circuit Protection
Comparator Threshold Voltage
(Left Scale)
10
0
Gain (Amplfier In Unity-Gain Configuration) vs
Frequency
-20
-10
1k
100k
10k
1M
10M
-15
-5
5
Frequency, f (Hz)
VCC = 5V
Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com