Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451L-S16-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # TL1451L-S16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451L-S16-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button TL1451L-S16-R Datasheet HTML 6Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 7Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 8Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 9Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 10Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 11Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 12Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 13Page - Unisonic Technologies TL1451L-S16-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
13 of 14
www.unisonic.com.tw
QW-R103-011.D
TYPICAL CHARACTERISTICS(Cont.)
2.25
1k
100k
10k
Error Amp Maximum Output Voltage Swing vs
Frequency
Frequency, f (Hz)
90
60
Open-Loop Voltage Amplification vs
Frequency
0
1.5
1.75
0
1M
10M
30
VCC = 5V
Ta = 25℃
0.5
0.25
2
1.75
1.25
1
100
10k
1k
100k
2M
1M
10
20
40
50
70
80
Frequency, f (Hz)
VCC = 5V
Ta = 25℃
0
020
30
10
1.5
Standby Current vs
Supply Voltage
Supply Voltage, VCC (V)
40
0.75
Ta = 25℃
0.25
0.5
1
1.25
1.75
2
100
02
3
1
30
Output Transistor on Duty Cycle vs
Dead-Time Input Voltage
Dead-Time Input Voltage (V)
50
0
4
80
70
90
60
40
20
10
1.5
2.5
0.5
3.5
VCC = 3.6V
RT = 10kΩ
CT = 330pF
0
-25
25
75
0
800
Maximum Continuous Power Disspation vs
Free-Air Temperature
100
400
100
300
500
700
1000
1100
0
-25
0
1.5
Standby Current vs
Free-Air Temperature
100
0.5
0.75
0.25
1
1.25
1.75
2
25
50
75
Average Supply Current
VCC = 6V, RT = 10kΩ
CT = 330pF
Stand-By Current, VCC = 3.6V, No Load
Stand-By Current, V
CC = 40V,
No Load
Free-Air Temperature, Ta ()
Thermal Resistance
125℃/W
DIP-16
SOP-16
Thermal Resistance
250℃/W
50
Free-Air Temperature, Ta ()
200
600
900
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com