Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL432G-S08-R
Description  1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL432G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL432G-S08-R Datasheet HTML 1Page - Unisonic Technologies TL432G-S08-R Datasheet HTML 2Page - Unisonic Technologies TL432G-S08-R Datasheet HTML 3Page - Unisonic Technologies TL432G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL432
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R103-009.Na
1.25V PRECISION
ADJUSTABLE SHUNT
REFERENCE REGULATORS
DESCRIPTION
The UTC TL432 is a three-terminal adjustable shunt regulator
highly accurate 1.25V band gap reference with 0.5%, 1% tolerance.
The device offers thermal stability, wide operating current (50mA)
and an extended temperature range of 0
° to 105°C for operation in
power supply applications. The UTC TL432 offers a wide operating
voltage range of up to 12V and is an excellent choice for voltage
reference requirements in an isolated feedback circuit for 3.0V ~
3.3V switching mode power supplies. The tight tolerance guarantees
a lower design cost for the power supply manufacturer by virtually
eliminating the need for an extra power supply manufacturing
process of the power supply.
FEATURES
*Temperature-Compensated:50ppm/°C
*Internal amplifier with 50mA capability
*Nominal temperature range extended to 105°C
*Low frequency dynamic output impedance:<150Ω
*Low output noise
TO-92
1
SOP-8
SOT-89
SOT-25
SOT-23
1
3
2
1
3
5
2
4
1
Lead-free:
TL432L
Halogen-free: TL432G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
123456 7 8
Package
Packing
TL432-AE3-R
TL432L-AE3-R
TL432G-AE3-R
K R A -
-
-
-
-
SOT-23
Tape Reel
TL432-AB3-R
TL432L-AB3-R
TL432G-AB3-R
R A K -
-
-
-
-
SOT-89
Tape Reel
TL432-AF5-R
TL432L-AF5-R
TL432G-AF5-R
X X K R A -
-
-
SOT-25
Tape Reel
TL432-T92-B
TL432L-T92-B
TL432G-T92-B
R A K -
-
-
-
-
TO-92
Tape Box
TL432-T92-K
TL432L-T92-K
TL432G-T92-K
R A K -
-
-
-
-
TO-92
Bulk
TL432-S08-R
TL432L-S08-R
TL432G-S08-R
KAAXXA A R
SOP-8
Tape Reel
Note: Pin Code: C: Cathode
A: Anode
R: Reference
X: No Connection
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AE3: SOT-23, AB3: SOT-89, AF5: SOT-25,
(2) T92: TO-92 S08:SOP-8,
(3) G: Halogen Free, L: Lead Free Plating, Blank: Pb/Sn
TL432L-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating


Similar Part No. - TL432G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432G-S08-R UTC-TL432G-S08-R Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Similar Description - TL432G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D Datasheet
161Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_11 Datasheet
167Kb / 3P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_15 Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com