Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL1451L-P16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TL1451L-P16-R Datasheet HTML 1Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 2Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 3Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 4Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 5Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 6Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 7Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 8Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 14
www.unisonic.com.tw
QW-R103-011.D
TEST CIRCUIT
OUT1
OUT2
RL
4.7kΩ
RL
4.7kΩ
16 15 14 13 12 11 10
9
UTC TL1451
12
34
5
678
VCC = 5V
Test
Input
Test
Input
RT
10kΩ
CT
330pF
CPE
0.47μF
S1
TIMING DIAGRAM
Dead Time 100%
2.0V
1.6V
1.4V
1.25V
H
L
H
L
0.6V
0V
H
L
Tpe
*
3.6V
0V
2.8V TYP
* Protection Enable Time, tpe = (0.051 × 10
6 × C
pe) in seconds
Power Supply Voltage
Short-Circuit Protection
Comparator Output
Protection Enable
Terminal Waveform
Output Transistor Collector
Waveform
Oscillator Triangle Waveform
Error Amplifier Output
Dead-Time Input Voltage
Short-Circuit Protection
Comparator Input Voltage
PWM Comparator Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com