Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451L-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL1451L-P16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451L-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button TL1451L-P16-R Datasheet HTML 2Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 3Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 4Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 5Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 6Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 7Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 8Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 9Page - Unisonic Technologies TL1451L-P16-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 14
www.unisonic.com.tw
QW-R103-011.D
APPLICATION INFORMATION
HIGH-SPEED DUAL SWITCHING REGULATOR
16 15 14 13 12 11 10 9
UTC TL1451
123
4
5
6
7
8
50kΩ
0.47μF
220kΩ
33kΩ
33kΩ
R1
R2
C1
500pF
Vref
33kΩ
33kΩ
330pF
470Ω
150Ω
L1
VCC
R3
R4
C2
Step-Up
Output
470Ω
1μF
L2
R6
R7
C4
Step-Down
Output
220Ω
470Ω
470Ω
C5
R5
500pF
33kΩ
33kΩ
NOTE A: Values for R1 through R7, C1 through C4, and L1 and L2 depend upon individual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com