| Electronic Components Datasheet Search |
|
UB2012 Datasheet(PDF) 12 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2012 Datasheet(HTML) 12 Page - Unisonic Technologies |
|
12 / 17 page ![]() UB2012 Preliminary LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 12 of 17 www.unisonic.com.tw QW-R121-018 .b APPLICATION INFORMATION(Cont.) CHARGE INHIBIT FUNCTION The TS pin can be used as charge-inhibit input. The user can inhibit charge by connecting the TS pin to VCC or VSS (or any level outside the V(TS1) to V(TS2) thresholds). Applying a voltage between the V(TS1) and V(TS2) thresholds to pin TS returns the charger to normal operation. CHARGE STATUS INDICATION The UTC UB2012 reports the status of the charger on the 3-state STAT pin. The following table summarized the operation of the STAT pin. CONDITION STAT PIN Battery conditioning and charging High Charge complete (Done) Low Temperature fault or sleep mode Hi-Z The STAT pin can be used to drive a single LED (Figure 1), dual-chip LEDs (Figure 4) or for interface to a host or system processor (Figure 11). When interfacing the UTC UB2012 to a processor, the user can use an output port, as shown in Figure 11, to recognize the high-Z state of the STAT pin. In this configuration, the user needs to read the input pin, toggle the output port and read the STAT pin again. In a high-Z condition, the input port always matches the signal level on the output port. UTC UB2012 SNS BAT VCC TS STAT VSS CC COMP OUT IN Host Processor Figure 9 Interfacing the UTC 2012 to a Host Processor LOW-POWER SLEEP MODE The UTC UB2012 enters the sleep mode if the VCC falls below the voltage at the BAT input. This feature prevents draining the battery pack during the absence of VCC. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |