Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012XG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB2012XG-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012XG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UB2012XG-S08-R Datasheet HTML 1Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 7Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 8Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UB2012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 17
www.unisonic.com.tw
QW-R121-018 .b
ELECTRICAL CHARACTERISTICS
TEMPERATURE COMPARATOR
Lower
V(TS1)
29.1
30
30.9
%VCC
Temperature Threshold
Upper
V(TS2)
TS Pin Voltage
58.3
60
61.8
%VCC
PRECHARGE COMPARATOR
UB2012A
2.94
3.0
3.06
V
UB2012B
3.04
3.1
3.16
V
UB2012C
5.98
6.1
6.22
V
Precharge Threshold
V(MIN)
UB2012D
6.18
6.3
6.42
V
PRECHARGE CURRENT REGULATION
Voltage at pin SNS, 0°C≤Ta≤50°C
13
mV
Precharge Current Regulation
I(PRECHG) Voltage at pin SNS,
0°C≤Ta≤50°C, VCC = 5 V
3
13
22
mV
VRCH COMPARATOR (BATTERY RECHARGE THRESHOLD)
UB2012A
UB2012B
VO(REG)
-80mV
VO(REG-
-100mV
VO(REG)
-120mV
V
UB2012C
Recharge Threshold
V(RCH)
UB2012D
VO(REG)
-160mV
VO(REG)
-200mV
VO(REG)
-240mV
V
CHARGE-RATE COMPENSATION (Automatic Charge-Rate Compensation)
Automatic Charge-Rate
Compensation Gain
G(COMP) V(BAT)+0.3V≤VCC≤VCC(MAX),
1.7
2.2
2.7
V/V
STAT PIN
Output (Low) Voltage
VOL(STAT) IOL=10mA
0.7
V
Output (High) Voltage
VOH(STAT) IOH=5mA
VCC-0.5
V
CC PIN
Output Low Voltage
VOL(CC) IO(CC)=5mA (sink)
1.5
V
Sink Current
IO(CC)
Not to exceed power rating (PD)
5
40
mA
Notes:
V(BAT) +0.3 V≤VCC≤VCC(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com