Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012XG-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB2012XG-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012XG-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB2012XG-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 7Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 8Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 9Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
UB2012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 17
www.unisonic.com.tw
QW-R121-018 .b
TYPICAL APPLICATION CIRCUIT
UB2012
GND
C2
10μF
VSS
VCC
SNS
CC
BAT
STAT
TS
COMP
R1
1kΩ
RSNS
0.2Ω
DC+
Q1
2SB1151
VCC
C1
0.1μF
VCC
RT1
TEMP
PACK-
PACK+
RT2
R2
2kΩ
D1
Battery
Pack
NTC
Figure 1. Low Dropout Single-or Two-Cell Li-Lon/Li-Pol Charger
FUNCTIONAL DESCRIPTION
The UTC UB2012 is designed for the applications of single or two-cell Li-Ion or Li-Pol batteries. Figure 1 is the
schematic of using this advanced linear charge controller with a PNP pass transistor. Figure 2 is the operation
flowchart of UB2012. Figure 3 shows the typical charge profile. Figure 4 is the application schematic of a charger
using P-channel MOSFET..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com