Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1766CS14 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1766CS14
Description  BATTERY CHARGE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1766CS14 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1766CS14 Datasheet HTML 3Page - Semtech Corporation SC1766CS14 Datasheet HTML 4Page - Semtech Corporation SC1766CS14 Datasheet HTML 5Page - Semtech Corporation SC1766CS14 Datasheet HTML 6Page - Semtech Corporation SC1766CS14 Datasheet HTML 7Page - Semtech Corporation SC1766CS14 Datasheet HTML 8Page - Semtech Corporation SC1766CS14 Datasheet HTML 9Page - Semtech Corporation SC1766CS14 Datasheet HTML 10Page - Semtech Corporation SC1766CS14 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
BATTERY
CHARGE CONTROLLER
SC1766
Janaury 30, 1998
Battery Voltage Divider
To ensure proper operation of the SC1766, selection of
resistor values for the battery voltage divider must
meet the following two crucial requirements:
1. When the battery pack is disconnected from the
charge circuitry, the voltage of the VBT pin must be
higher than 4.0V or lower than 0.5V to put the SC1766
in reset status, where the VOUT and the LED pins be-
come high impedance and the FLASH pin (only for
14-pin version) goes to high level.
2. When the battery pack is connected in normal oper-
ation, the VBT pin voltage must remain in the range of
0.8V to 3.5V even when the battery pack voltage
reaches its peak when near full charge. Improper set-
ting of the VBT pin voltage may cause the VOUT pin
voltage to fluctuate due to SC1766 internal protection
scheme.
Take charging an 8-cell battery pack as an example.
The highest pack voltage would be 16V when fully
charged if the highest voltage of a fully charged battery
cell is assumed to be 2V. Since the VBT pin voltage is
restricted to no higher than 3.5V, the battery voltage
divider ratio must be higher than 3.57 (16V/3.5V -1). In
other words, resistor R14 must be greater than 535k
Ω.
When the battery pack is disconnected from the charg-
ing circuitry the VBT pin voltage must be higher than
4.0V, dictating VBAT node voltage of the charging cir-
cuitry to be higher than 17.8V (3.9V x 4.57). Practically,
however, the charging circuit supply voltage +VIN
should be higher than 18.5 in order to ensure proper
operation. In case the supply voltage +VIN can not
meet this requirement, the application circuit of the fol-
lowing figure can be adopted to get around this prob-
lem.
PRINCIPLES OF OPERATION (cont.)
Experimental Results
Experiments have been conducted to verify the
SC1766 operation with NiMH and NiCd battery cells of
various brands. Actual results shown in the figures be-
low clearly indicate that the negative delta voltage de-
tector and the peak voltage timer of the SC1766 have
precisely detected the tiny cell voltage drops or the cell
voltage peaks and consequently terminated the fast
charge process after batteries are fully charged. The
battery cell temperatures were all under safety levels.
Note that the fast charge for the NiMH battery in the
figure “Charge Characteristics of NiMH Battery” is ter-
minated by the peak voltage timer (0
∆V) while the fast
charge for the NiCd battery in the figure “Charge Char-
acteristics of NiCd Battery” is terminated by the -
∆V
detector.
Battery Voltage can be raised to
VIN = 0.9V when being charged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com