Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1766CS14 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1766CS14
Description  BATTERY CHARGE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1766CS14 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1766CS14 Datasheet HTML 3Page - Semtech Corporation SC1766CS14 Datasheet HTML 4Page - Semtech Corporation SC1766CS14 Datasheet HTML 5Page - Semtech Corporation SC1766CS14 Datasheet HTML 6Page - Semtech Corporation SC1766CS14 Datasheet HTML 7Page - Semtech Corporation SC1766CS14 Datasheet HTML 8Page - Semtech Corporation SC1766CS14 Datasheet HTML 9Page - Semtech Corporation SC1766CS14 Datasheet HTML 10Page - Semtech Corporation SC1766CS14 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
BATTERY
CHARGE CONTROLLER
SC1766
Janaury 30, 1998
OUTLINE DRAWING SO-8
OUTLINE DRAWING SO-14
1. A stable constant charge current is crucial for reli-
able precision -
∆V detection by the SC1766 since fluc-
tuation of the charge current can cause fluctuation of
the battery terminal voltage due to battery internal se-
ries resistance, which will likely result in erroneous -
∆V
detection by a properly functioning SC1766.
2. To prevent damage to the SC1766 from over-
voltage, make sure that none of the SC1766 pins see
any voltage beyond the supply voltage, which needs to
be between +9V and +18V.
CHARGER CIRCUIT DESIGN TIPS
3. If the battery charge current is high, e.g. over 1.5A,
quality of circuit board layout and wiring connection
points become increasingly important in the charger
circuit reliability.
4. Since the SC1766 is a CMOS device, care must be
taken in handling to avoid possible damage from elec-
trostatic discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com