Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3750G-XX-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3750G-XX-AF5-R
Description  600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3750G-XX-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3750G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3750
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-360.a
DESCRIPTION INFORMATION(Cont.)
8. Inductor Value Calculation
Selecting the proper inductance must take an inductor’s physical size, transient respond and power conversion
requirements into consideration. The fact is that lower inductor value can make the cost, PC board space smaller
and can provide faster transient response while resulting in higher ripple current and core losses. The loading
current, IOUT = 0.5A and the inductor ripple current, IL−RIPPLE(P−P) is designed to be less than 40% of the load current,
i.e. 0.5A x 40% = 0.2A. The relationship between the inductor value and inductor ripple current is as followed:
)
P
-
P
(
RIPPLE
-
I
)
V
-
I
×
R
-
V
(
×
T
=
L
L
OUT
OUT
)
ON
(
DS
IN
ON
Where RDS (ON) is the ON resistance of the external P-channel MOSFET.
9. P-Channel Power MOSFET Selection
The operation of UTC UC3750 must be used with an external P-Channel power MOSFET. The main keys for
the power MOSFET are the gate threshold, VGS, the “ON” resistance, RDS (ON) and its total gate charge, QT. Low input
voltage operation need a low gate threshold device that can work down to the minimum input voltage level. RDS (ON)
determines the conduction losses for each switching cycle, the lower the ON resistance, the higher and the efficiency
can be achieved. A power MOSFET with lower gate charge can give lower switching losses but the fast transient can
cause unwanted EMI to the system. Compromise is required during the design stage.
10. Flywheel Diode Selection
The flywheel diode is turned on and carries load current during the off time. The average diode current depends
on the P-Channel switch duty cycle. At high input voltages, the diode conducts most of the time. In case of VIN
approaches VOUT, the diode conducts only a small fraction of the cycle. While the output terminals are shorted, the
diode will subject to its highest stress. Under this condition, the diode must be able to safely handle the peak current
circulating in the loop. So, it is important to select a flywheel diode that can meet the diode peak current and average
power dissipation requirements. Under normal conditions, the average current conducted by the flywheel diode is
given by:
OUT
F
IN
OUT
IN
D
I
×
V
+
V
V
-
V
=
I
Where ID is the average diode current and VF is the forward diode voltage drop.
A fast switching diode must also be used to optimize efficiency. Schottky diodes are ideal for low forward drop
and fast switching times.
11. Input and Output Capacitor Selection (CIN and COUT)
In continuous mode operation, the source current of the P-Channel MOSFET is a square wave of duty cycle
(VOUT +VF)/VIN. We must select a low ESR input capacitor that can support the maximum RMS input current to
prevent large input voltage transients. The maximum RMS input current, can be estimated by the equation below:
IN
2
1
OUT
IN
OUT
OUT
)
MAX
(
RMS
V
)
V
-
V
(
V
×
I
I
≈
IRMS (MAX) has a maximum value at VIN = 2VOUT, where IRMS (MAX) = IOUT/2. As a general practice, this simple
worst-case condition is used for design. Selecting of the output capacitor, the required effective series resistance
(ESR) of the capacitor decide the COUT and the capacitance will be adequate for filtering unless the ESR requirement
is met. The output voltage ripple, VRIPPLE is approximated by:
)
C
F
4
1
(ESR+
×
R
-
I
V
OUT
OSC
P)
-
(P
IPPLE
L
RIPPLE
≈
Where FOSC is the switching frequency and ESR is the effective series resistance of the output capacitor. We
can see from equation 4 that the output voltage ripple contributed by two parts. For a better performance, Low ESR
tantalum capacitors should be used. The major contributor is the capacitor ESR for most. Ordinary
aluminum-electrolytic capacitors have high ESR and should be avoided while higher quality Low ESR
aluminum-electrolytic capacitors are acceptable and relatively inexpensive. Surface-mount tantalum capacitors are
better and provide neat and compact solution for space sensitive applications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com