Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3750G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3750G-XX-AF5-R
Description  600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3750G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3750G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3750G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3750
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-360.a
600kHZ PWM/PFM STEP-DOWN
DC-DC CONTROLLER
DESCRIPTION
The UTC UC3750 is a high frequency, micropower, voltage mode
step-down DC-DC controller IC and is designed for battery operated
hand-held electronic products. It can provide up to 2.0A loading
current with conversion efficiency by connection of appropriate
external P-type MOSFET. It also can be applied to operate for voltage
regulation with minimum external components and board space.
The UTC UC3750 can operate in the constant -frequency PWM
(Pulse Width Modulation) mode that provide low output ripple noise in
the normal operation and will automatically switch to PFM(Pulse
Frequency Modulation) mode at low output loads for higher efficiency.
Moreover, it is ideal for portable applications profited from Chip
Enable (CE) to reduce IC off-stage current and integrated feedback
resistor network.
The UTC UC3750 is suitable for applications, such as PDA,
camcorders and digital still camera, hand-held instrument, distributed
power system, computer peripheral, conversion from four NiMH or
NiCd or one Lithium-ion cells to 3.3V/1.8V.
FEATURES
* High efficiency: 92% (Typ.)
* Low quiescent bias current :50μA
* Low shutdown current:0.3μA (Typ.)
* Output voltage:1.8V~3.3V ±2.0%
* Low output voltage ripple:50mV (Typ.)
* Built-in soft-start (SS)
* Pulse Width Modulation (PWM)switching frequency:600kHz
* Automatic PWM/PFM switchover under light load condition
* Very low dropout operation, 100% max. duty cycle
* Chip enable(CE) pin with on-chip 150nA pull-up current source
* Input voltage:2.45V- 5.5V
* Internal under-voltage lockout (UVLO) protection
* Low profile and minimum external components
* Halogen free
ORDERING INFORMATION
Ordering Number
Package
Packing
UC3750G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - UC3750G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3750G-XX-AF5-R UTC-UC3750G-XX-AF5-R Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results

Similar Description - UC3750G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Unisonic Technologies
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com