Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1595G-AB5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1595G-AB5-R
Description  200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1595G-AB5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P1595G-AB5-R Datasheet HTML 1Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 2Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 3Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 4Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 5Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1595
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-047.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage
VCC
+26
V
ON/OFF Pin Input Voltage
VEN
-0.3 ~ VCC
V
Feedback Pin Voltage
VFB
-0.3 ~ 12
V
Operating Supply Voltage
VOP
4.5~24
V
Output Voltage to Ground
VOUT
-0.8
V
Power Dissipation (Note 1)
Ta=25°C
PD
690
mW
Operating Temperature
TOPR
-20 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
180
°C/W
Junction to Case (Note 1)
θJC
38
°C/W
Note: 1. It’s Measured with the PCB copper area (need connect to VSS pins) of approximately 1.5 in
2(Multi-layer)
ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=12V, ILOAD=0.2A, unless otherwise specified,)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage
VFB
IOUT=0.2A
0.728
0.750
0.773
V
Saturation Voltage
VSAT
IOUT=1.5A, No outside circuit
VFB=0V force driver on
1.2
1.5
V
Quiescent Current
IQ
VFB=1.2V force driver off
4
8
mA
Feedback Bias Current
IFB
IOUT=0.1A
-10
-50
nA
Shutdown Supply Current
ISD
VEN=0V
2
10
μA
Current Limit
I(LIMIT)
Pear current, No outside circuit
VFB=0V force driver on
1.8
A
SW pin=0V
No outside circuit
VFB=1.0V force driver off
-50
μA
SW Pin Leakage
Current
SW pin=-0.8V
ISW(LEAK)
VCC=24V force driver off
-5
mA
Oscillator Frequency
FOSC
140
200
260
KHz
Oscillator Frequency Circuit Protect
of Short
FSCP
(Adjustable) When VFB<0.5V
80
KHz
Max. Duty Cycle (ON)
VFB=1.2V force driver off
0
%
Min. Duty Cycle (OFF)
DC
VFB=0V force driver on
100
%
VIH
High (regulator ON)
1.2
2.0
V
EN Pin Logic Input Threshold
Voltage
VIL
Low (regulator OFF)
0.5
1.2
V
EN pin Logic Input Current
IH
VEN=2.5V (ON)
20
μA
EN pin Input Current
IL
VEN=0.3V (OFF)
-5
μA
Thermal Shutdown Temp
TSD
135
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com