Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1595G-AB5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P1595G-AB5-R
Description  200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1595G-AB5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  P1595G-AB5-R Datasheet HTML 1Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 2Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 3Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 4Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 5Page - Unisonic Technologies P1595G-AB5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1595
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-047.b
TYPICAL APPLICATION CIRCUIT
Adjustable Output Voltage Version
VOUT=VFB×
⎛ +
R2
R1
1, VFB=0.75V. R2=0.75K~4K
Resistor select for output voltage setting
VOUT
R2
R1
5V
1.2K
6.8K
3.3V
2K
6.8K
2.5V
2K
4.7K
1.8V
2K
3K
1.5V
2K
2K
1.3V
2K
1.5K
1.2V
2K
1.2K
L1 recommend value (VIN=12V, IOUT=1.5A,)
VOUT
1.8 V
2.5V
3.3V
5V
L1 Value
22μH
22μH
33μH
33μH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com