Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3843AL-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3843AL-S08-R
Description  CURRENT MODE PWM CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843AL-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3843AL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R103-002.F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense section
Gain
GV
(Note 2,3)
2.85
3
3.15
V/V
Maximum Input signal
VI(MAX)
Vpin 1=5V( Note 2)
0.9
1
1.1
V
PSRR
12≦VCC≦25V
70
dB
Input Bias Current
IBIAS
-2
-10
μA
Delay to Output
Vpin 3=0 to 2V
150
300
ns
Output Section
IO(SINK)=20mA
0.1
0.4
V
Low
VOL
IO(SINK)=200mA
1.5
2.2
V
IO(SOURCE)=20mA
13
13.5
V
Output Level
High
VOH
IO(SOURCE)=200mA
12
13.5
V
Rise Time
tR
TJ=25°C,CL=1nF(Note 1)
50
150
ns
Fall Time
tF
TJ=25°C,CL=1nF(Note 1)
50
150
ns
Under-Voltage Lockout Output Section
3842A
14.5
16
17.5
V
Start Threshold
3843A
VTH(ST)
7.8
8.4
9
V
3842A
8.5
10
11.5
V
Min. Operating Voltage
3843A
VOPR(MIN) After Turn On
7
7.6
8.2
V
PWM Section
MAX
D(MAX)
95
97
100
%
Duty Cycle
Min
D(MIN)
0
%
Total Standby Current
Start-up Current
IST
0.12
0.3
mA
Operating Supply Current
ICC(OPR)
Vpin 2=Vpin 3=0V
11
17
mA
VCC Zener Voltage
Vz
ICC=25mA
34
V
Note:1.These parameters, although guaranteed ,are not 100% tested in production.
2. Parameters measured at trip point of latch with Vpin 2=0.
3. Gain defined as:
4. Adjust VCC above the start threshold before setting at 15V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com