Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3843AL-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3843AL-S08-R
Description  CURRENT MODE PWM CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843AL-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3843AL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3843AL-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R103-002.F
SHUTDOWN TECHNIQUES
8
3
1k
Ω
1
Shutdown
To current
Sense resistor
Shutdown
Shutdown UTC UC3842A can be accomplished by two methods; either raise pin 3 above 1V or pull Pin 1 below a
voltage two diode drops above ground. Either method caused the output of PWM comparator to be high(refer to
block diagram).The PWM latch is reset dominant so that the output will remain low until the next clock cycle after the
shutdown condition at pins 1 and/or 3 is removed . In one example, an externally latched shut –down may be
accomplished by adding an SCR which be reset by cycling VCC below the lower UVLO threshold. At this point the
reference turns off allowing the SCR to reset.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com