Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842GL-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3842GL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842GL-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC3842GL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UC3842G
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-036.B
OPEN-LOOP TEST CIRCUIT
6
5
7
8
3
4
2
1
VREF
VCC
Output
GND
COMP
FB
CS
CT
VCC
Rb
100k
or
VFB
CT
3.3n
10p
Ra
100k
VIN
VCOMP
CIN
470μ
Vpwl
5K
adjust
High peak current associated with capacity loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin5 in single point GND.
UNDER-VOLTAGE LOCKOUT
During Under-Voltage Lockout, the output driver is biased to a high impedance state. Pin6 should be shunt to
GND with a bleeder resistor to prevent activing the power switch with output leakage currents.
ERROR AMPLIFIER CONFIGURATION
Error amplifier can source or sink up to 0.5mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com