Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842GL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3842GL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842GL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3842GL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842GL-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3842G
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R103-036.B
HIGH PERFORMANCE
CURRENT MODE
CONTROLLER
DESCRIPTION
The UTC UC3842G of high performance current mode
controller is specifically designed for off-line and DC-to-DC
converter applications offering the designer a cost effective
solution with minimal external components. This integrated
circuit features approximately 300μA start up current, a
precision reference trimmed the error amplifier input. Also
included are protective features consisting of input and
reference
undervoltage
lockouts
each
with
hysteresis,
cycle-by-cycle current limiting, and so on.
FEATURES
* Low startup and operating current
* User defined switching frequency(Norm is 52kHz)
* Power-saving mode for low power
* Under voltage lockout with hysteresis
* Over voltage protection
* Latching PWM for Cycle-By-Cycle current limiting
* Internally trimmed reference with undervoltage lockout
Lead-free:
UC3842GL
Halogen-free: UC3842GP
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UC3842G-S08-R
UC3842GL-S08-R
UC3842GP-S08-R
SOP-8
Tape Reel
UC3842G-S08-T
UC3842GL-S08-T
UC3842GP-S08-T
SOP-8
Tube
UC3842G-D08-T
UC3842GL-D08-T
UC3842GP-D08-T
DIP-8
Tube


Similar Part No. - UC3842GL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3842GL-S08-R UTC-UC3842GL-S08-R Datasheet
156Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
UC3842GL-S08-R UTC-UC3842GL-S08-R Datasheet
236Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842GL-S08-R ETL-UC3842GL-S08-R Datasheet
236Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
Unisonic Technologies
UC3842GL-S08-R UTC-UC3842GL-S08-R Datasheet
208Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results

Similar Description - UC3842GL-S08-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
High Performance Current Mode Controllers
December, 2012 ??Rev. 11
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
high performance current mode controllers
logo
ON Semiconductor
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
High Performance Current Mode Controllers
August, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com