Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM601-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM601-S08-R
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM601-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM601-S08-R Datasheet HTML 1Page - Unisonic Technologies UM601-S08-R Datasheet HTML 2Page - Unisonic Technologies UM601-S08-R Datasheet HTML 3Page - Unisonic Technologies UM601-S08-R Datasheet HTML 4Page - Unisonic Technologies UM601-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM601/A
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R105-028.B
VOLTAGE AND CURRENT
CONTROLLER
DESCRIPTION
The UTC UM601/A integrated circuit incorporates a high stability
series band gap voltage reference, two ORed operational amplifiers and
a current source.
This IC compares the DC voltage and the current level at the
output of a switching power supply to an internal reference. It provides a
feedback through an optocoupler to the PWM controller IC in the primary
side.
The controlled current generator can be used to modify the level of
current limitation by offsetting the information coming from the current
sensing resistor.
It can be used in voltage supervisors, every types of application
requiring a precision voltage regulation and current limitation, over
voltage protection, battery charger with a constant voltage and a limited
output current.
FEATURES
* 1.24V Series Voltage Reference with 10mA Output Current and 1% Precision (UM601A)
* Two Operational Amplifiers with ORed Output and 1MHz Gain Bandwidth Product
* Built-In Current Generator with Enable / Disable Function
* 4.5 ~ 32V Supply Voltage Range
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UM601-S08-R
UM601L-S08-R
UM601G-S08-R
SOP-8
Tape Reel
UM601-D08-T
UM601L-D08-T
UM601G-D08-T
DIP-8
Tube
UM601A-S08-R
UM601AL-S08-R
UM601AG-S08-R
SOP-8
Tape Reel
UM601A-D08-T
UM601AL-D08-T
UM601AG-D08-T
DIP-8
Tube


Similar Part No. - UM601-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM601 ETC1-UM601 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
Microsemi Corporation
UM6010 MICROSEMI-UM6010 Datasheet
221Kb / 4P
PIN DIODE
logo
Microchip Technology
UM6010B MICROCHIP-UM6010B Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
UM6010C MICROCHIP-UM6010C Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
UM6010E MICROCHIP-UM6010E Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results

Similar Description - UM601-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com