Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP103H Datasheet (PDF) - Interpion semiconductor

IP103H Datasheet PDF - Interpion semiconductor
Part # IP103H
Download  IP103H Download
File Size   232.82 Kbytes
Page   11 Pages
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor
Description Voltage and Current Controller

IP103H Datasheet (PDF)

Go To PDF Page Download Datasheet
IP103H Datasheet PDF - Interpion semiconductor

Part # IP103H
Download  IP103H Click to download

File Size   232.82 Kbytes
Page   11 Pages
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor
Description Voltage and Current Controller

IP103H Datasheet (HTML) - Interpion semiconductor


IP103H Product details

DESCRIPTION

The IP103H is designed to be used in battery chargers with a constant voltage and a constant current control. This device is a monolithic IC that includes one independent op-amp and other op-amp for which the non inverting input is wired to a 2.5V fixed Voltage reference.

Integrating the reference and op-amps creates a solution for low cost charging applications.



FEATURES

Operational Amplifiers

- Low Supply Current : 200uA/amp

- Medium Speed : 1.5MHz

- Low Level Output Voltage Close to VEE : 0.1V Typ.

-Wide Power Supply Range; 3.6~28V

Adjustable Shunt Regulator

- Fixed Output Voltage Reference 2.5V

- Sink Current Capability : 0.5 to 150mA

- 1% Voltage Precision

- Latch-up Immunity




Similar Part No. - IP103H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP10 BEL-IP10 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Hubbell Incorporated.
IP100 HUBBELL-IP100 Datasheet
224Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R01 ETC2-IP1000ALF-DS-R01 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R02 ETC2-IP1000ALF-DS-R02 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
More results


Similar Description - IP103H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com