Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP103H Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP103H
Description  Voltage and Current Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP103H Datasheet(HTML) 4 Page - Interpion semiconductor

  IP103H Datasheet HTML 1Page - Interpion semiconductor IP103H Datasheet HTML 2Page - Interpion semiconductor IP103H Datasheet HTML 3Page - Interpion semiconductor IP103H Datasheet HTML 4Page - Interpion semiconductor IP103H Datasheet HTML 5Page - Interpion semiconductor IP103H Datasheet HTML 6Page - Interpion semiconductor IP103H Datasheet HTML 7Page - Interpion semiconductor IP103H Datasheet HTML 8Page - Interpion semiconductor IP103H Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IP103H
Dec. 2002
- 4 -
WWW.INTERPIONSEMI.COM
Voltage and Current Controller
Adjustable Shunt Regulator
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Recommended Cathode
Current
Ik
0.5
100
mA
Reference Input Voltage
Vref
2.475
2.5
2.525
V
Reference Input Voltage
Deviation
dVref
Vka=Vref, Ik=10mA
-40OC < Ta <105OC
7
30
mV
Load Regulation
Rload
Ik=1mA~10mA
3
10
mV
Minimum Cathode Current
for Regulation
Imin
0.2
0.5
mA
ELECTRICAL CHARACTERISTICS
Ta = 25OC, VCC = 5V, VEE=GND (unless otherwise specified. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com