Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP103H Datasheet(PDF) 3 Page - Interpion semiconductor

Part # IP103H
Description  Voltage and Current Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP103H Datasheet(HTML) 3 Page - Interpion semiconductor

  IP103H Datasheet HTML 1Page - Interpion semiconductor IP103H Datasheet HTML 2Page - Interpion semiconductor IP103H Datasheet HTML 3Page - Interpion semiconductor IP103H Datasheet HTML 4Page - Interpion semiconductor IP103H Datasheet HTML 5Page - Interpion semiconductor IP103H Datasheet HTML 6Page - Interpion semiconductor IP103H Datasheet HTML 7Page - Interpion semiconductor IP103H Datasheet HTML 8Page - Interpion semiconductor IP103H Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IP103H
Dec. 2002
- 3 -
WWW.INTERPIONSEMI.COM
Voltage and Current Controller
TOTAL SUPPLY VOLTAGE SECTION
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Total Supply Current
Icc
0.8
1.5
mA
Vee = 0V, No Load
Operational Amplifiers
Input Offset Voltage
Vio
-
1
4.5
mV
Input Bias Current
Iib
-
50
150
nA
Large Signal Voltage Gain
Avd
Vcc=15V, Vo=5~10V,
Rload =10K
60
100
-
dB
Supply Voltage Rejection
Ratio
SVRR
Vcc= 5V to 15V
65
100
-
dB
Input Common Mode Volt-
age Range
Vicm
-
0
-
Vcc-
1.8V
V
Output Source Current
Isource
Vo=2.5V, Vid=+1V
3
6
-
mA
Output Sink Current
Isink
Vo=2.5V,
Vid=-1V
3
6
-
mA
Phase Margin
PM
Rload=10K,Cload=100pF
-
55
-
Degree
Output Voltage High
Voh
Vcc=15V, Rload=10K
12
13
-
V
Output Voltage Low
Vol
Rload=10K
-
100
250
mV
Slew Rate
SR
Vi=10V, Vcc=12V,
Rload=10K,Cload=100pF
-
0.75
-
V/us
Gain Bandwidth
GB
Rload=10K,Cload=100pF,
f=100kHz
-
1.5
-
MHz
Total Harmonic Distortion
THD
-
0.05
-
%
Common Mode Rejection
Ratio
CMRR
Vcc=15V
70
90
-
dB
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vccmax
28
V
Operating Temperature
Topr
-40 ~ +105
O
C
Storage temperature
Tstg
-65 ~ 150
O
C
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Ta = 25OC, VCC = 5V, VEE = GND (unless otherwise specified. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com