Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842BP-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3842BP-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842BP-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3842BP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 10Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R103-012.D
APPLICATION INFORMATION(Cont.)
Current Sense Circuit
Peak current (IS) is equaled:
IS(MAX)=1.0V/RS
There should be a small RC filter to suppress switch transients.
Oscillator Waveforms and Maximum Duty Cycle
8
5
4
VREF
RT/RC
GND
CT
RT
INTERINAL CLOCK
INTERINAL CLOCK
V4
V4
LARGE RT
SMALL CT
SMALL CT
LARGE RT
CT (Oscillator timing capacitor) can be charged by VREF through RT and discharged by an internal current source. At
discharge time, the internal clock signal blanks the output to the low. Both oscillator frequency and maximum duty
cycle can be determined by Selection of RT and CT. All charge and discharge times can be calculated by the next
formulas:
tC=0.55 RT CT
tD=RTCTIn
⎟⎟
⎜⎜
4
0.0063R
2.7
0.0063R
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com