Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842BP-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3842BP-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842BP-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UC3842BP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 10Page - Unisonic Technologies UC3842BP-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R103-012.D
APPLICATION INFORMATION(Cont.)
Shutdown Techniques
The UTC UC3842B’s shutdown can be accomplished by two ways: raise pin 3 above 1V; or pull pin 1 below a
voltage two diode drops above ground. Either method can cause the PWM comparator’s output to be high. Because
the PWM latch is reset dominant, the output will remain low until the next clock cycle after the shutdown condition at
pins 1 and/or 3 is removed.
Slope Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com