Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM603L-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UM603L-P08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM603L-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UM603L-P08-R Datasheet HTML 1Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 2Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 3Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 4Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 5Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UM603/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-031.D
TYPICAL CHARACTERISTICS
Unit Frequency=F(I)
1000
0
200
600
800
-0.01
Source<= I(A) =>Sink
-0.005
00.005
0.015
0.01
400
GBP=F(I)
0
200
600
800
-0.01
Source<= I(A) =>Sink
-0.005
00.005
0.015
0.01
400
Vcc=+/-15V, RL=2K, CL=100PF
Vcc=+/-15V, RL=2K, CL=100PF
700
500
100
300
Phase and Gain Margin=F(I)
0
10
20
30
40
50
60
-0.01
0.015
-0.005
0
0.005
0.01
0
-2
-4
-6
-8
-10
-12
-14
Vcc=+/-15V, RL=2K, CL=100PF
Source<= I(A) =>Sink
Total Harmonic Distorsion THD=F(freq)
0.014
0.005
0.006
0.007
0.008
0.009
0.01
0.011
0.012
0.013
10
100
1000
10000
Frequency (Hz)
Total Harmonic Distorsion THD=F(freq)
70
0
10
20
30
40
50
60
0.01
0.1
1
10
Frequency (Hz)
100
Vio Distribution-Operator 1
Vcc+=5V,Vcc-=0V
70
0
10
20
30
40
50
60
-3 -2.5
-1
0.5
Input Offset Voltage, VI(OFF)(mV)
3
-2 -1.5
-0.5 0
1 1.5 2 2.5
Phase Margin(deg)
Gain Margin(dB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com