Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM603L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM603L-P08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM603L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM603L-P08-R Datasheet HTML 1Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 2Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 3Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 4Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 5Page - Unisonic Technologies UM603L-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM603/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R105-031.D
DUAL OPERATIONAL
AMPLIFIER AND CURRENT
CONTROLLER
DESCRIPTION
The UTC UM603/A is a monolithic IC that includes one
independent op-amp and another op-amp for witch the non
inverting input is wired to a 2.5V fixed voltage reference. This
device is offering space and cost saving in many applications like
power supply management or data acquisition systems
FEATURES
OPERATIONAL AMPLIFIER
*Low input offset voltage: 0.5mV typ. for UTC UM603A
*Low supply current: 350uA/op.(@ VCC= 5 V)
*Medium bandwidth(unity gain): 0.9MHz
*Large output voltage swing: 0 V ~ (VCC-1.5 V)
*Input common mode voltage range includes ground
*Wide power supply range: 3V ~ 32V ±1.5 ~ ±16V
VOLTAGE REFERENCE
*Fixed output voltage reference 2.5V
*±0.4% and ±1% voltage precision
*Sink current capability : 1 ~ 100mA
*Typical output impedance : 0.2Ω
Lead-free:
UM603L/UM603AL
Halogen-free:UM603G/UM603AG
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UM603-P08-R
UM603L-P08-R
UM603G-P08-R
TSSOP-8
Tape Reel
UM603-S08-R
UM603L-S08-R
UM603G-S08-R
SOP-8
Tape Reel
UM603A-P08-R
UM603AL-P08-R
UM603AG-P08-R
TSSOP-8
Tape Reel
UM603A-S08-R
UM603AL-S08-R
UM603AG-S08-R
SOP-8
Tape Reel
UM603L-P08-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) P08: TSSOP-8, S08: SOP-8
(3) G: Halogen Free, L: Lead Free, Blank: Pb/Sn


Similar Part No. - UM603L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM603 UTC-UM603 Datasheet
84Kb / 5P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
List of Unclassifed Man...
UM603 ETC1-UM603 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
E-Tech Electronics LTD
UM603-P08-R ETL-UM603-P08-R Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM603-S08-R ETL-UM603-S08-R Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM603A UTC-UM603A Datasheet
245Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
More results

Similar Description - UM603L-P08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UM603 UTC-UM603 Datasheet
84Kb / 5P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UM609 UTC-UM609 Datasheet
130Kb / 5P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
E-Tech Electronics LTD
UM603_A ETL-UM603_A Datasheet
201Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM603A UTC-UM603A Datasheet
245Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM609A UTC-UM609A Datasheet
191Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM603A UTC-UM603A_17 Datasheet
170Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
UM609A UTC-UM609A_17 Datasheet
202Kb / 6P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
logo
First Silicon Co., Ltd
FA103 FS-FA103 Datasheet
364Kb / 5P
DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com